|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHINA SEMICONDUCTOR CORPORATION Spec. No. Rev. PS-ND-0807 A PRODUCT SPECIFICATION Model No CSS-4012E/4013E Descriptions: 4.0 Inch Single Digit Display Emitting Color Orange CUSTOMER APPROVED SIGNATURES APPROVED BY CHECKED BY PREPARED BY CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377 OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112 http://www.csctw.com.tw CHINA SEMICONDUCTOR CORPORATION Model No CSS-4012E/4013E Spec. No. Rev. PS-ND-0807 A Features 1. 4.0 inch (101.6mm) digit height. 2. Case mold type. 3. RoHS compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket. Device Selection Guide Chip Material GaAsP GaAsP Emitted Color Orange Orange Model No. CSS-4012E CSS-4013E Mechanical Dimensions - Description Common Anode Common Cathode http://www.csctw.com.tw Page 1/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-4012E/4013E Spec. No. Rev. PS-ND-0807 A Internal Circuit Diagrams - Absolute Maximum Rating (Ta=25 ) Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice Continuous Forward Current Per Dice Reverse Voltage Per Dice Operating Temperature Storage Temperature Symbol Pd IAF IPF - Rating 70 25 90 0.33 Unit mW mA mA mA/ VR Topr Tstg 5 -35 ~ +85 -35 ~ +85 V Solder temperature 1/16 inch below seating plane for 3 seconds at 260 http://www.csctw.com.tw Page 2/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-4012E/4013E Spec. No. Rev. PS-ND-0807 A Electro-optical Characteristics (Ta=25 ) Parameter Forward Voltage Per Segment(DP) Luminous Intensity Per Segment Peak Emission Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio Symbol VF Iv P e Min. - Typ. 10(2.0) 20 632 624 35 - Max. 14(2.8) 100 2:1 Unit V mcd nm nm nm A . Condition IF=20mA IF=10mA IF=20mA IF=20mA IF=20mA VR=25V IF=20mA JS - IV-m http://www.csctw.com.tw Page 3/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-4012E/4013E Spec. No. Rev. PS-ND-0807 A Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted) http://www.csctw.com.tw Page 4/5 CHINA SEMICONDUCTOR CORPORATION Model No CSS-4012E/4013E Spec. No. Rev. PS-ND-0807 A Package Dimensions Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw 5/5 Page |
Price & Availability of CSS-4012E |